Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOP605L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOP605L
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP605L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOP605L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP605L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
Typ
Max
40
50
67
80
RθJL
33
40
Symbol
Typ
Max
38
50
66
80
RθJL
30
40
-30
±20
Gate-Source Voltage
A
Continuous Drain
Current A
TA=25°C
ID
TA=70°C
Pulsed Drain Current B
W
7.5
6
30
2.5
1.6
-5.3
-6.6
2.5
1.6
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
30
-30
±20
Drain-Source Voltage
TA=70°C
Power Dissipation
TA=25°C
PD
Units
°C/W
Junction and Storage Temperature Range
-55 to 150
-55 to 150
Thermal Characteristics: n-channel
Parameter
Maximum Junction-to-Ambient A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient A
Steady-State
°C/W
Maximum Junction-to-Lead C
Steady-State
°C/W
Thermal Characteristics: p-channel
°C/W
°C/W
Maximum Junction-to-Lead C
Steady-State
°C/W
Parameter
Units
Maximum Junction-to-Ambient A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient A
Steady-State
AOP605
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 7.5A (VGS = 10V) -6.6A (VGS = -10V)
RDS(ON)
< 28m
(V
GS = 10V)
< 35m
(V
GS = -10V)
< 43m
(V
GS = 4.5V)
< 58m
(V
GS = -4.5V)
General Description
The AOP605 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. The
complementary MOSFETs form a high-speed power
inverter, suitable for a multitude of applications.
Standard Product AOP605 is Pb-free (meets ROHS
& Sony 259 specifications). AOP605L is a Green
Product ordering option. AOP605 and AOP605L are
electrically identical.
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
PDIP-8
G2
D2
S2
G1
D1
S1
n-channel
p-channel
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOP605L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP605L AOSMD-AOP605L Datasheet
107Kb / 5P
   Plastic Encapsulated Device
More results

Similar Description - AOP605L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com