Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU8780F071 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDU8780F071
Description  N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU8780F071 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDU8780F071 Datasheet HTML 1Page - Fairchild Semiconductor FDU8780F071 Datasheet HTML 2Page - Fairchild Semiconductor FDU8780F071 Datasheet HTML 3Page - Fairchild Semiconductor FDU8780F071 Datasheet HTML 4Page - Fairchild Semiconductor FDU8780F071 Datasheet HTML 5Page - Fairchild Semiconductor FDU8780F071 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD8780/FDU8780 Rev. B
www.fairchildsemi.com
5
Figure 13. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION(s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDU8780F071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU8782 FAIRCHILD-FDU8782 Datasheet
318Kb / 6P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDU8780F071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8796 FAIRCHILD-FDD8796 Datasheet
312Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25V, 35A, 5.7mOhm
FDB8876 FAIRCHILD-FDB8876 Datasheet
299Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 71A, 8.5mOhm
FDD8770 FAIRCHILD-FDD8770 Datasheet
314Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 4.0mOHM
FDU8796 FAIRCHILD-FDU8796 Datasheet
312Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 5.7mOhm
FDD8778 FAIRCHILD-FDD8778 Datasheet
357Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 14mohm
logo
Hi-Sincerity Mocroelect...
H35N03J HSMC-H35N03J Datasheet
88Kb / 5P
   N-Channel Enhancement-Mode MOSFET (25V, 35A)
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
   PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com