Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8878 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDB8878
Description  N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8878 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDB8878 Datasheet HTML 1Page - Fairchild Semiconductor FDB8878 Datasheet HTML 2Page - Fairchild Semiconductor FDB8878 Datasheet HTML 3Page - Fairchild Semiconductor FDB8878 Datasheet HTML 4Page - Fairchild Semiconductor FDB8878 Datasheet HTML 5Page - Fairchild Semiconductor FDB8878 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 13. Transient Thermal Response Curve
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x RθJC + TC
PDM
t1
t2
SINGLE PULSE
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
FDB8878 Rev. A
www.fairchildsemi.com
5


Similar Part No. - FDB8878

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB8878 ISC-FDB8878 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com