Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1537PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN1537PC
Description  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN1537PC Datasheet HTML 1Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 2Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 3Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 4Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 5Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 6Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 7Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FAN1537
PRODUCT SPECIFICATION
4
REV. 1.1.1 3/20/02
Application Hints
External Capacitors
Like any low-dropout regulator, the FAN1537 requires
external capacitors for stability.
Input Capacitor
A Tantalum input capacitor of 22µF is recommended. This
capacitor must be located at a distance of no more than 0.5"
from the input pin of the device and returned to a clean ana-
log ground.
Output Capacitor
The FAN1537 is designed to work with Ceramic or Tantalum
load capacitors.
A value of 22µF is recommended on each output, but the
value can be reduced to 10µF to save space.
Additional capacitance can be added without limit for better
performance, e.g. improved transient response and lower
noise.
When a Ceramic multilayer capacitor is used, the X7R
dielectric is recommended which holds the capacitance
within ±15%. The output capacitor should be located not
more than 0.5" from the output pins of the device and
returned to a clean analog ground.


Similar Part No. - FAN1537PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Similar Description - FAN1537PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com