Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS27HC010-70PLI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-70PLI
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-70PLI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS27HC010-70PLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS27HC010-70PLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISSI®
IS27HC010
6
Integrated Silicon Solution, Inc.
EP009-1F
07/18/97
POWER SUPPLY CHARACTERISTICS(1,2,5) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating
VCC = Max.,
CE = VIL
Commercial
75
mA
Supply Current(3)
IOUT = 0 mA, f = 10 MHz
Industrial
90
(Open outputs)
IPP1
VPP Current During
VCC = Max.,
CE = OE = VIL
1.0
µA
Read(4)
VPP = VCC
ICCSB0
Vcc CMOS Standby
CE ≥ VCC – 0.3V
20
mA
Current
All pins
≥ VCC – 0.3V or ≤ 0.3V toggling
f
≤ 10 MHz
ICCSB1
Vcc TTL Standby
CE ≥ VIH
—35
mA
Current
All pins = VIH or VIL (TTL Level) toggling
f
≤ 10 MHz
Notes:
1.
VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. Never try to force VPP LOW to 1V
below VCC. Manufacturer suggests to tie VPP and Vcc together during the READ operation.
2.
Caution: the IS27HC010 must not be removed from (or inserted into) a socket when VCC or VPP is applied.
3.
ICC1 is tested with
OE = VIH to simulate open outputs.
4.
Maximum active power usage is the sum of ICC and IPP.
5.
Minimum DC input voltage is –0.5V. During transitions, the inputs may undershoot to –2.0V for periods less than 10 ns.
Maximum DC voltage on output pins is VCC + 0.5V which may overshoot to VCC + 2.0V for periods less than 10 ns.
CAPACITANCE(1,2,3)
DIP
PLCC/TSOP
Symbol
Parameter
Conditions
Typ.
Max.
Typ.
Max.
Unit
CIN1
Address Input Capacitance
VIN = 0V
6
10
6
9
pF
CIN2
OE Input Capacitance
VIN = 0V
10
10
7
9
pF
CIN3
CE Input Capacitance
VIN = 0V
10
10
7
9
pF
COUT
Output Capacitance
VOUT = 0V
8
12
6
9
pF
Notes:
1. Typical values are for nominal supply voltage.
2. This parameter is only sampled, but not 100% tested.
3. Test conditions: TA = 25
°C, f = 1 MHz.
SWITCHING TEST CIRCUIT
Device
Under
Test
RL = 121
CL
CL1 = 30 pF
CL2 = 5 pF
OUT
VL = 1.9V
SWITCHING TEST WAVEFORM
3V
0V
1.5V
INPUT
OUTPUT
1.5V
TEST POINTS
Notes:
AC Testing:
1. Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0".
2. Input pulse rise and fall skew rate
≥ 1.5V/ns.


Similar Part No. - IS27HC010-70PLI

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-70PLI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com