Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6520BM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6520BM
Description  Single Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520BM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6520BM Datasheet HTML 2Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 3Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 4Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 9Page - Fairchild Semiconductor FAN6520BM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
FAN6520B Rev. 1.0.3
Circuit Description
Initialization
The FAN6520B automatically initializes upon receipt of
power. The Power-On Reset (POR) function continually
monitors the bias voltage at the VCC pin. When the sup-
ply voltage exceeds its POR threshold, the IC initiates
the soft-start operation.
Soft-Start
The POR function initiates the soft-start sequence. Soft-
start clamps the error amplifier output (COMP pin) and
reference input (noninverting terminal of the error amp)
to the internally generated soft-start voltage. Figure 3
shows a typical start up interval where the COMP pin
has been released from a grounded (system shutdown)
state. The clamp on the error amplifier (COMP pin) ini-
tially controls the converter’s output voltage during soft-
start. The oscillator’s triangular waveform is compared to
the ramping error amplifier voltage. This generates SW
pulses of increasing width that charge the output capaci-
tor(s). When the internally generated soft-start voltage
exceeds the feedback (FB pin) voltage, the output volt-
age is in regulation. This method provides a rapid and
controlled
output
voltage
rise. The
entire
startup
sequence typically takes about 11ms.
Figure 3. Soft-Start Interval
Adaptive Gate Drive
The FAN6520B incorporates a MOSFET shoot-through
protection method which allows a converter to both sink
and source current. Care should be exercised when
designing a converter with the FAN6520B when it is
known that the converter may sink current.
When the converter is sinking current, it is behaving as a
boost converter that is regulating its input voltage. This
means that the converter is boosting current into the
VCC rail, which supplies the bias voltage to the
FAN6520B. If this current has nowhere to go—such as to
other distributed loads on the VCC rail, through a voltage
limiting protection device, or other methods—the capaci-
tance on the VCC bus will absorb the current. This situa-
tion will allow the voltage level of the VCC rail to
increase. If the voltage level of the rail is boosted to a
level that exceeds the maximum voltage rating of the
FAN6520B, then the IC will experience an irreversible
failure and the converter will no longer be operational.
Ensure that there is a path for the current to follow other
than the capacitance on the rail to prevent this failure
mode.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is
very important. Switching current from one power device
to another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. Use wide, short-printed circuit traces to minimize
these interconnecting impedances. The critical com-
ponents should be located as close together as possible,
using
ground
plane
construction
or
single
point
grounding.
Figure 4 shows the critical power components of the
converter. To minimize the voltage overshoot, the
interconnecting wires indicated by heavy lines should be
part of a ground or power plane in a printed circuit board.
The components shown in Figure 4 should be located as
close together as possible. Please note that the capa-
citors CIN and COUT may each represent numerous
physical capacitors. Locate the FAN6520B as close as
possible to Q1 and Q2 MOSFETs. The circuit traces for
the MOSFETs’ gate and source connections from the
FAN6520B must be sized to handle up to 1A peak
current.
Figure 4. Printed Circuit Board Power and
Ground Planes or Islands
+VOUT
Q2
Q1
CIN
LOUT
COUT
Vin
LDRV
SW
HDRV
FAN6520B


Similar Part No. - FAN6520BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com