Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS27HC010-70T Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-70T
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-70T Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS27HC010-70T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS27HC010-70T Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISSI®
IS27HC010
Integrated Silicon Solution, Inc.
7
EP009-1F
07/18/97
SWITCHING CHARACTERISTICS(1,3,4) (Over Operating Range)
JEDEC
Std.
-30
-45
-70
Symbol
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAVQA
tACC
Address to
CE = OE = VIL
—30
45
—70
ns
Output Delay
CL = CL1
tELQV
tCE
Chip Enable to
OE = VIL
—30
45
—70
ns
Output Delay
CL = CL1
tGLQV
tOE
Output Enable to
CE = VIL
—10
20
—35
ns
Output Delay
CL = CL1
tEHOZ,
tDF(2)
Chip Enable HIGH or
CL = CL2
010
0
20
035
ns
tGHQZ
Output Enable HIGH,
whichever comes first,
to Output Float
tAVOX
tOH
Output Hold from
0
0
0
ns
Address,
CE or OE
whichever occured first
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. This parameter is only sampled, not 100% tested.
3. Caution: The IS27HC010 must not be removed from (or inserted into) a socket or board when VPP or VCC applied.
4. Output Load: 1 TTL gate and C = CL.
Input Rise and Fall times: 2 ns.
Input Pulse Levels: 0 to 3V.
Timing Measurement Reference Level: 1.5V for inputs and outputs.
ADDRESS
CE
OE
OUTPUT
ADDRESS VALID
VALID OUTPUT
1.5V
tDF(2)
tOH
Hi-Z
Hi-Z
tOE
tACC(1)
tCE
3V
0V
1.5V
SWITCHING WAVEFORMS
Notes:
1.
OE may be delayed up to tACC – tOE after the falling edge of CE without impact on tACC.
2. tDF is specified from
OE or CE, whichever occurs first.


Similar Part No. - IS27HC010-70T

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-70T

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com