Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN96A07K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN96A07K
Description  Dynamic Focus Controller IC for CRT Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN96A07K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN96A07K Datasheet HTML 1Page - Panasonic Semiconductor AN96A07K Datasheet HTML 2Page - Panasonic Semiconductor AN96A07K Datasheet HTML 3Page - Panasonic Semiconductor AN96A07K Datasheet HTML 4Page - Panasonic Semiconductor AN96A07K Datasheet HTML 5Page - Panasonic Semiconductor AN96A07K Datasheet HTML 6Page - Panasonic Semiconductor AN96A07K Datasheet HTML 7Page - Panasonic Semiconductor AN96A07K Datasheet HTML 8Page - Panasonic Semiconductor AN96A07K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICs for TV
s Overview
The AN96A07K is a dynamic astigmatizm and focus
(DAF)IC for CRT monitor. It outputs parabola waves for
focus control.
s Features
q
fH =15 to 90kHz, fV = 50 to 120Hz
q
Constant-amplitude parabola-wave output following
input frequency
q
Coefficient of parabola-wave is controlled by an exter-
nal resistor
AN96A07K
Dynamic Focus Controller IC for CRT Monitor
Unit : mm
8.4
±0.3
10.16
±0.25
3 to 15˚
0.45– 0
.05
+ 0.1
4.80
±0.25
3.05
±0.25
1.05
±0.25
28-Pin SDIP Package (SDI 028-P-0400)
VCC1
VCC2
1
µF
1
µF
+
+
REF
HOLD
5
25
15
28
2
1
DC
HOLD
SAW –
TOOTH
SAW –
TOOTH
18
27
17
26
19
7
3
6
4
8
9
10
12
13
11
20
21
23
24
22
16
14
ABS.
ABS.
LIN – LOG
Conv.
LIN – LOG
Conv.
+
+
1
µF
1
µF
0.1
µF
0.1
µF
330pF
0.27
µF
220k
220k
10k
10k
10k
10k
100pF
100pF
To Pin28
+
+
To Pin28
LIN – LOG
Conv.
LIN – LOG
Conv.
s Block Diagram


Similar Part No. - AN96A07K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN9614 INTERSIL-AN9614 Datasheet
55Kb / 3P
   Using the PRISM짰 Chip Set for Low Data Rate Applications
logo
Infineon Technologies A...
AN96475 INFINEON-AN96475 Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN966 STMICROELECTRONICS-AN966 Datasheet
246Kb / 21P
   The front-end stage of conventional off-line converters
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
   VMEbus TIMEKEEPER
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results

Similar Description - AN96A07K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
   DYNAMIC FOCUS
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
   Dynamic Focus
logo
Panasonic Semiconductor
AN5764N PANASONIC-AN5764N Datasheet
49Kb / 5P
   Horizontal picture position control IC for CRT monitor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
   BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
   Dynamic Focus Applications
2SC5460 TOSHIBA-2SC5460_04 Datasheet
141Kb / 5P
   Dynamic Focus Applications
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
logo
Toshiba Semiconductor
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
   Dynamic Focus Applications
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com