Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1727EUG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1727EUG
Description  GSM Cellular/PCN Handset RF Power Management IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1727EUG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1727EUG Datasheet HTML 4Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 5Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 6Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 7Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 8Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 9Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 10Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 11Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
GSM Cellular/PCN Handset RF Power
Management IC
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
R3EN
Regulator R3 Enable Input
2
PCEN
Op Amp and Band Switch Mux Enable Input
3
PC1+
Op Amp 1 Noninverting Input
4
PC1-
Op Amp 1 Inverting Input
5
PC1OUT
Op Amp 1 Output
6VPC
Op Amp Power Supply
7
PC2OUT
Op Amp 2 Output
8
PC2-
Op Amp 2 Inverting Input
9
PC2+
Op Amp 2 Noninverting Input
10
PCNAPC
Band Switch PCN Output. Normally connected to PCN PA APC. Internally shorts to ground when
not selected.
11
BANDSWIN
Band Switch Input. Normally connected to PC2OUT.
12
GSMAPC
Band Switch GSM Output. Normally connected to GSM PA APC. Internally shorts to ground when
not selected.
13
GSM/PCN
Band Switch Control Input. With logic high, BANDSWIN is connected to GSMAPC. With logic low,
BANDSWIN is connected to PCNAPC.
14
R1EN
Regulator R1 Enable Input
15
R2EN
Regulator R2 Enable Input
16
R2OUT
Output of Linear Regulator 2. 50mA output current. Use 1
µF low ESR bypass capacitor to GND.
17
VCC
Regulator Power Supply
18
R1OUT
Output of Linear Regulator 1. 100mA output current. Use 1
µF low ESR bypass capacitor to GND.
19
R3BYP
Output of Linear Regulator 4. Power supply for regulator R3 and 1.25V reference. Use 1
µF low ESR
bypass capacitor to GND.
20
R3OUT
Output of Linear Regulator 3. 20mA output current. Use 1
µF low ESR bypass capacitor to GND.
21
VCOOUT
Switched R3 Output
22
ENVCO
VCO Switch Control Input. With logic high, VCOOUT is connected to R3OUT. With logic low,
VCOOUT is high impedance.
23
CBYP
1.25V Voltage Reference Bypass Pin. Connect low-leakage, 0.01
µF bypass capacitor to GND to
minimize noise at the output.
24
GND
Ground


Similar Part No. - MAX1727EUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270AENE++ MAXIM-MAX17270AENE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270ENE++ MAXIM-MAX17270ENE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270ETE++ MAXIM-MAX17270ETE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
   2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
More results

Similar Description - MAX1727EUG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Maxim Integrated Produc...
MAX8890 MAXIM-MAX8890 Datasheet
233Kb / 12P
   Integrated Cellular RF-Section Power-Management IC
logo
Hitachi Semiconductor
HD155111F HITACHI-HD155111F Datasheet
473Kb / 44P
   RF Single-chip Linear IC for PCN Cellular Systems
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com