Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS27HC010-30PL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-30PL
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-30PL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS27HC010-30PL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-30PL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ISSI®
IS27HC010
Integrated Silicon Solution, Inc.
1
EP009-1F
07/18/97
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which
may appear in this publication. © Copyright 1997, Integrated Silicon Solution, Inc.
FEATURES
• Fast read access time: 30 ns
• Pin compatible with the IS27C010
• High-speed write programming
— Typically less than 30 seconds
• Industrial and commercial temperature ranges
available
±10% power supply tolerance
• JEDEC-approved pinout
• Standard 32-pin DIP, PLCC, and TSOP
packages
DESCRIPTION
The
ISSI IS27HC010 is an ultra-high-speed 1 megabit (128K-
word by 8-bit) Ultraviolet Erasable CMOS Programmable
Read-Only Memory. It utilizes the standard JEDEC pinout
making it functionally compatible with the IS27C010, but with
significantly faster access capability. This superior random
access capability results from a focused high-speed design.
This offers users bipolar speeds with higher density, lower
cost, and proven reliability.
The device is ideal for use with the faster processors. Design-
ers may take full advantage of high-speed digital signal
processors and microprocessors by allowing code to be
executed at full speed directly out of EPROM. Typical applica-
tions include laser printers, switching networks, graphics,
workstations, high-speed modems, and digital signal process-
ing.
The IS27HC010 uses
ISSI's write programming algorithm
which allows the entire chip to be programmed in typically less
than 30 seconds.
This product is available inOne-Time Programmable (OTP)
PDIP, PLCC, and TSOP packages over commercial and
industrial temperature ranges.
IS27HC010
131,072 x 8 HIGH-SPEED CMOS EPROM
ISSI®
VCC
GND
VPP
OE
OUTPUT ENABLE
CHIP ENABLE
AND
PROG LOGIC
1,048,576-BIT
CELL MATRIX
CE
PGM
OUTPUT
BUFFERS
Y
GATING
X
DECODER
Y
DECODER
17
A0-A16
8
DQ0-DQ7
FUNCTIONAL BLOCK DIAGRAM
JULY 1997


Similar Part No. - IS27HC010-30PL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-30PL

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com