Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS27HC010-30W Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-30W
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-30W Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS27HC010-30W Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS27HC010-30W Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ISSI®
IS27HC010
8
Integrated Silicon Solution, Inc.
EP009-1F
07/18/97
DC PROGRAMMING CHARACTERISTICS(1,2,3,4) (TA = +25
°C ± 5°C)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage During Verify
IOH = –400
µA
2.4
V
VOL
Output LOW Voltage During Verify
IOL = 2.1 mA
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage (All Inputs)
–0.3
0.8
V
VH
A9 Auto Select Voltage
11.5
12.5
V
ILI
Input Current (All Inputs)
VIN = VIL or VIH
10.0
µA
ICC
VCC Supply Current (Program & Verify)
50
mA
IPP
VPP Supply Current
CE = VIL, OE = VIH
—30
mA
VCC
Supply Voltage
6.0
6.5
V
VPP
Programming Voltage
12.5
13.0
V
SWITCH PROGRAMMING CHARACTERISTICS(1,2,3,4) (TA = +25
°C ± 5°C)
JEDEC
Std.
Symbol
Symbol
Parameter
Min.
Max.
Unit
tAVEL
tAS
Address Setup Time
2
µs
tDZGL
tOES
OE Setup Time
2
µs
tDVEL
tDS
Data Setup Time
2
µs
tGHAX
tAH
Address Hold Time
0
µs
tEHDX
tDH
Data Hold Time
2
µs
tGHQZ
tDFP
OE HIGH to Output Float Delay
0
130
ns
tVPS
tVPS
VPP Setup Time
2
µs
tELEH1
tPW
PGM Program Pulse Width
95
105
µs
tVCS
tVCS
VCC Setup Time
2
µs
tELPL
tCES
CE Setup Time
2
µs
tGLQV
tOE
Data Valid from
OE
150
ns
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. VPP must be
≥ VCC during the entire programming and verifying procedure.
3. When programming IS27HC010, a 0.1
µF capacitor is required across VPP and ground to suppress spurious voltage transients
which may damage the device.
4. Programming characteristics are sampled but not 100% tested at worst-case conditions.


Similar Part No. - IS27HC010-30W

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-30W

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com