Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HCT00A Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74HCT00A
Description  Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74HCT00A Datasheet(HTML) 1 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
7
Quad 2-Input NAND Gate
High-Performance Silicon-Gate CMOS
The IN74HCT00A may be used as a level converter for
interfacing TTL or NMOS outputs to high-speed CMOS inputs.
The IN74HCT00A is identical in pinout to the LS/ALS00.
• TTL/NMOS-Compatible Input Levels.
• Outputs Directly Inferface to CMOS, NMOS and TTL.
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
IN74HCT00A
ORDERING INFORMATION
IN74HCT00AN Plastic
IN74HCT00AD SOIC
TA = -55° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AB
Y
LL
H
LH
H
HL
H
HH
L


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn