Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDBVTG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA333AIDBVTG4
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA333AIDBVTG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA333AIDBVTG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA333AIDBVTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OPA333
OPA2333
SBOS351 − MARCH 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
−0.3V to (V+) + 0.3V
. . . . . . . . .
Signal Input Terminals, Voltage(2)
±10mA
. . . . . . . . . . . . . . . . . . . .
Output Short-Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating
Human Body Model
4000V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model
1000V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.3V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA333
SOT23-5
DBV
OAXQ
OPA333
SOT23-5
DBV
OAXQ
OPA333
SC70-5
DCK
BQY
OPA333
SC70-5
DCK
BQY
OPA333
SO-8
D
O333A
OPA333
SO-8
D
O333A
OPA2333
SO-8
D
O2333A
OPA2333
SO-8
D
O2333A
OPA2333
DFN-8(2)
DRB
BQZ
OPA2333
DFN-8(2)
DRB
BQZ
(1) For the most current specification and package information see the Package Option Addendum at the end of this document, or see the TI web
site at www.ti.com.
(2) Available Q2 ’06.
PIN CONFIGURATIONS
1
2
3
5
4
V+
−IN
OUT
V
+IN
OPA333
SOT23−5
1
2
3
5
4
V+
OUT
+IN
V
−IN
OPA333
SC70−5
1
2
3
4
8
7
6
5
NC(1)
V+
OUT
NC(1)
NC(1)
−IN
+IN
V
OPA333
SO−8
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
A
B
OPA2333
SO−8
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
OPA2333
DFN−8
Exposed
Thermal
Die Pad
on
Underside(2)
(1) NC denotes no internal connection.
(2) Connect thermal die pad to V−.
(3) Available Q2 ’06.
(3)


Similar Part No. - OPA333AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333AIDBVTG4 TI-OPA333AIDBVTG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333AIDBVTG4 TI1-OPA333AIDBVTG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDBVTG4 TI1-OPA333AIDBVTG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com