Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1557DH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1557DH
Description  N- and P-Channel 1.8-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1557DH Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1557DH Datasheet HTML 1Page - Vishay Siliconix SI1557DH Datasheet HTML 2Page - Vishay Siliconix SI1557DH Datasheet HTML 3Page - Vishay Siliconix SI1557DH Datasheet HTML 4Page - Vishay Siliconix SI1557DH Datasheet HTML 5Page - Vishay Siliconix SI1557DH Datasheet HTML 6Page - Vishay Siliconix SI1557DH Datasheet HTML 7Page - Vishay Siliconix SI1557DH Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si1557DH
Vishay Siliconix
New Product
Document Number: 71944
S-21684—Rev. B, 30-Sep-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
01234
VGS = 5 thru 2.5 V
TC = -55_C
125
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V
1 V
0
20
40
60
80
100
0369
12
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
01234
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 6 V
ID = 1.2 A
ID - Drain Current (A)
VGS = 4.5 V
ID = 1.2 A
VGS = 2.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VGS = 4.5 V
VGS = 1.8 V


Similar Part No. - SI1557DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1557DH VISHAY-SI1557DH Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI1557DH VISHAY-SI1557DH_V01 Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1557DH

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI1557DH KEXIN-KI1557DH Datasheet
55Kb / 2P
   N- and P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1557DH VISHAY-SI1557DH_V01 Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com