Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1557DH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1557DH
Description  N- and P-Channel 1.8-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1557DH Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1557DH Datasheet HTML 1Page - Vishay Siliconix SI1557DH Datasheet HTML 2Page - Vishay Siliconix SI1557DH Datasheet HTML 3Page - Vishay Siliconix SI1557DH Datasheet HTML 4Page - Vishay Siliconix SI1557DH Datasheet HTML 5Page - Vishay Siliconix SI1557DH Datasheet HTML 6Page - Vishay Siliconix SI1557DH Datasheet HTML 7Page - Vishay Siliconix SI1557DH Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si1557DH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71944
S-21684—Rev. B, 30-Sep-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
VDS = VGS, ID = 100 mA
N-Ch
0.45
1
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -100 mA
P-Ch
-0.45
1
V
"
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
P-Ch
"100
nA
VDS = 9.6 V, VGS = 0 V
N-Ch
1
VDS = -9.6 V, VGS = 0 V
P-Ch
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6 V, VGS = 0 V, TJ = 85_C
N-Ch
5
mA
VDS = -9.6 V, VGS = 0 V, TJ = 85_C
P-Ch
-5
VDS w 5 V, VGS = 4.5 V
N-Ch
3
On-State Drain Currenta
ID(on)
VDS p -5 V, VGS = -4.5 V
P-Ch
-2
A
VGS = 4.5 V, ID = 1.2 A
N-Ch
0.195
0.235
VGS = -4.5 V, ID = -0.77 A
P-Ch
0.445
0.535
VGS = 2.5 V, ID = 1.0 A
N-Ch
0.230
0.280
W
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -0.6 A
P-Ch
0.735
0.880
W
VGS = 1.8 V, ID = 0.2 A
N-Ch
0.284
0.340
VGS = -1.8 V, ID = -0.2 A
P-Ch
1.05
1.26
VDS = 5 V, ID = 1.2 A
N-Ch
0.8
Forward Transconductancea
gfs
VDS = -5 V, ID = -0.77 A
P-Ch
1.2
S
IS = 0.39 A, VGS = 0 V
N-Ch
0.8
1.2
Diode Forward Voltagea
VSD
IS = -0.39 A, VGS = 0 V
P-Ch
-0.8
-1.2
V
Dynamicb
N-Ch
0.8
1.2
Total Gate Charge
Qg
N-Channel
P-Ch
1.1
1.8
N-Channel
VDS = 6 V, VGS = 4.5 V, ID = 1.2 A
N-Ch
0.15
Gate-Source Charge
Qgs
P-Channel
P-Ch
0.3
nC
VDS = -6 V, VGS = -4.5 V, ID = -0.1 A
N-Ch
0.20
Gate-Drain Charge
Qgd
P-Ch
0.25
N-Ch
15
25
Turn-On Delay Time
td(on)
P-Ch
17
25
N-Channel
W
N-Ch
25
40
Rise Time
tr
VDD = 6 V, RL = 12 W
ID ^ 0.5 A, VGEN = 4.5 V, RG = 6 W
P-Ch
30
45
P-Channel
W
N-Ch
25
40
Turn-Off Delay Time
td(off)
P-Channel
VDD = -6 V, RL = 12 W
I
^ -0.5 A, V
= -4.5 V, R = 6
W
P-Ch
15
25
ns
ID ^ -0.5 A, VGEN = -4.5 V, RG = 6 W
N-Ch
10
15
Fall Time
tf
P-Ch
10
15
Source-Drain
IF = 0.39 A, di/dt = 100 A/ms
N-Ch
20
40
Source-Drain
Reverse Recovery Time
trr
IF = -0.39 A, di/dt = 100 A/ms
P-Ch
25
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI1557DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1557DH VISHAY-SI1557DH Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI1557DH VISHAY-SI1557DH_V01 Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1557DH

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI1557DH KEXIN-KI1557DH Datasheet
55Kb / 2P
   N- and P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1557DH VISHAY-SI1557DH_V01 Datasheet
138Kb / 9P
   N- and P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com