Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI74LPT2Q245 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI74LPT2Q245
Description  Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT2Q245 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LPT2Q245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8097 03/25/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LPT2Q245
3.3V 8-BIT BIDIRECTIONAL TRANSCEIVER
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
10
µA
∆ICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC – 0.6V(3)
2.0
30
µA
TTL Inputs HIGH
ICCD
Dynamic Power Supply
(4)
VCC = Max.,
VIN = VCC
50
75
µA/
Outputs Open
VIN = GND
MHz
OE = GND
One Bit Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC – 0.6V
0.6
2.3
mA
Current
(6)
Outputs Open
VIN = GND
fI = 10 MHZ
50% Duty Cycle
OE = GND
One Bit Toggling
VCC = Max.,
VIN = VCC – 0.6V
2.1
4.7
(5)
Outputs Open
VIN = GND
fI = 2.5 MHZ
50% Duty Cycle
OE = GND
8 Bits Toggling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Per TTL driven input; all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI74LCX245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74FCT3245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74LPT543 Fast CMOS 3.3V 8-Bit Latched Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74FCT163245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74LCX16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LPT541 Fast CMOS 3.3V 8-Bit Buffer/Line Driver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT240 Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver 1  2  3  4  Pericom Semiconductor Corporation
IDT71V256SA LOW POWER 3.3V CMOS FAST SRAM 256K 32K x 8-BIT 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn