Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT2Q245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LPT2Q245
Description  Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT2Q245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LPT2Q245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8097 03/25/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LPT2Q245
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
Product Description
Pericom Semiconductor’s PI74LPT series of logic circuits are
produced in the Company’s advanced 0.6 micron CMOS technology
achieving high speed while maintaining low power operation.
The PI74LPT2Q245 is an 8-bit bidirectional transceiver designed
for asynchronous two-way communication between data buses.
The transmit/receive input pin (T/R) determines the direction of
data flow through the bidirectional transceiver. Transmit (active
HIGH) enables data from A ports to B ports, and receive (active
LOW) from B ports to A ports. The Output Enable (OE) input, when
HIGH, disables both A and B ports by placing them in HIGH Z
condition.
The PI74LPT2Q245 can be driven from either 3.3V or 5.0V devices
allowing this device to be used as a translator in a mixed 3.3V/5.0V
system.
Logic Block Diagram
Product Pin Configuration
Product Pin Description
Truth Table(1)
Note:
1. H = High Voltage Level, X = Don't Care,
L = Low Voltage Level, Z = High Impedance
s
t
u
p
n
I
)
1
(
s
t
u
p
t
u
O
)
1
(
E
OR
/
T
LL
A
s
u
B
o
t
a
t
a
D
B
s
u
B
LH
B
s
u
B
o
t
a
t
a
D
A
s
u
B
HX
Z
e
t
a
t
S
h
g
i
H
20-PIN
L20
Q20
R20
S20
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
OE
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
)
W
O
L
e
v
i
t
c
A
(
s
t
u
p
n
I
R
/
Tt
u
p
n
I
l
o
r
t
n
o
C
n
o
i
t
c
e
r
i
D
7
A
-
0
Ar
o
s
t
u
p
n
I
A
e
d
i
S
s
t
u
p
t
u
O
e
t
a
t
S
-
3
7
B
-
0
Br
o
s
t
u
p
n
I
B
e
d
i
S
s
t
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
VCC
r
e
w
o
P
Product Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
– Input can be 3V or 5V
– Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability:
Balanced drives (12 mA sink and source)
•33
Ω Series Resistors on all outputs
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 20-pin 173 mil wide plastic TSSOP (L)
– 20-pin 150 mil wide plastic QSOP (Q)
– 20-pin 150 mil wide plastic TQSOP (R)
– 20-pin 300 mil wide plastic SOIC (S)
B0
A0
OE
T/R
B1
A1
B2
A2
B3
A3
B4
A4
B5
1
A5
B6
A6
B7
A7


Similar Part No. - PI74LPT2Q245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
   Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT240A PERICOM-PI74LPT240A Datasheet
231Kb / 4P
   Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT240C PERICOM-PI74LPT240C Datasheet
231Kb / 4P
   Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT2Q245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Registered Transceiver
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com