Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI74LPT2Q245 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part No. PI74LPT2Q245
Description  Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT2Q245 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LPT2Q245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT2Q245 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PI74LPT2Q245
3.3V 8-BIT BIDIRECTIONAL TRANSCEIVER
4
PS8097 03/25/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Notes:
1. Propagation Delays and Enable/Disable times are with Vcc = 3.3V ±0.3V, normal range. For Vcc = 2.7V,
extended range, all Propagation Delays and Enable/Disable times should be degraded by 20%.
2. See test circuit and waveforms.
3. Minimum limits are guaranteed but not tested on Propagation Delays.
4. This parameter is guaranteed but not production tested.
5. Skew between any two outputs, of the same package, switching in the same direction. This parameter is
guaranteed by design.
Switching Characteristics over Operating Range(1)
LPT2Q245
LPT2Q245A
Com.
Com.
Parameters
Description
Conditions(2)
Min.(3)
Max.
Min.(3)
Max.
tPLH
Propagation Delay
CL = 50 pF
1.5
7.0
1.5
4.6
ns
tPHL
A to B, B to A
RL = 500
tPZH
Output Enable Time
1.5
8.5
1.5
6.2
ns
tPZL
OE to A or B
tPHZ
Output Disable Time(4)
1.5
7.5
1.5
5.0
ns
tPLZ
OE to A or B
tPZH
Output Enable Time
1.5
8.5
1.5
6.2
ns
tPZL
T/R to A or B
tPHZ
Output Disable Time(4)
1.5
7.5
1.5
5.0
ns
tPLZ
T/R to A or B
tSK(o)
Output Skew(5)
0.5
0.5
ns


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI74LCX245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74FCT3245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74LPT543 Fast CMOS 3.3V 8-Bit Latched Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74FCT163245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  Pericom Semiconductor Corporation
PI74LCX16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LPT541 Fast CMOS 3.3V 8-Bit Buffer/Line Driver 1  2  3  4  Pericom Semiconductor Corporation
PI74LPT240 Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver 1  2  3  4  Pericom Semiconductor Corporation
IDT71V256SA LOW POWER 3.3V CMOS FAST SRAM 256K 32K x 8-BIT 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn