Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2333
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2333 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2333 Datasheet HTML 3Page - Burr-Brown (TI) OPA2333 Datasheet HTML 4Page - Burr-Brown (TI) OPA2333 Datasheet HTML 5Page - Burr-Brown (TI) OPA2333 Datasheet HTML 6Page - Burr-Brown (TI) OPA2333 Datasheet HTML 7Page - Burr-Brown (TI) OPA2333 Datasheet HTML 8Page - Burr-Brown (TI) OPA2333 Datasheet HTML 9Page - Burr-Brown (TI) OPA2333 Datasheet HTML 10Page - Burr-Brown (TI) OPA2333 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA333
OPA2333
SBOS351 − MARCH 2006
www.ti.com
7
APPLICATIONS INFORMATION
The OPA333 and OPA2333 are unity-gain stable and free
from unexpected output phase reversal. They use a
proprietary auto-calibration technique to provide low offset
voltage and very low drift over time and temperature. For
lowest offset voltage and precision performance, circuit
layout and mechanical conditions should be optimized.
Avoid temperature gradients that create thermoelectric
(Seebeck) effects in the thermocouple junctions formed
from
connecting
dissimilar
conductors.
These
thermally-generated potentials can be made to cancel by
assuring they are equal on both input terminals. Other
layout and design considerations include:
D Use low thermoelectric-coefficient conditions (avoid
dissimilar metals).
D Thermally isolate components from power supplies or
other heat sources.
D Shield op amp and input circuitry from air currents,
such as cooling fans.
Following these guidelines will reduce the likelihood of
junctions being at different temperatures, which can cause
thermoelectric voltages of 0.1
µV/°C or higher, depending
on materials used.
OPERATING VOLTAGE
The OPA333 and OPA2333 op amps operate over a
power-supply range of +1.8V to +5.5V (
±0.9V to ±2.75V).
Supply voltages higher than +7V (absolute maximum) can
permanently damage the device. Parameters that vary
over supply voltage or temperature are shown in the
Typical Characteristics section of this data sheet.
INPUT VOLTAGE
The OPA333 and OPA2333 input common-mode voltage
range extends 0.1V beyond the supply rails. The OPA333
is designed to cover the full range without the troublesome
transition region found in some other rail-to-rail amplifiers.
Normally, input bias current is about 70pA; however, input
voltages exceeding the power supplies can cause
excessive current to flow into or out of the input pins.
Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10mA. This
limitation is easily accomplished with an input resistor, as
shown in Figure 1.
5k
OPA333
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
Current−limiting resistor
required if input voltage
exceeds supply rails by
≥ 0.5V.
Figure 1. Input Current Protection
INTERNAL OFFSET CORRECTION
The
OPA333
and
OPA2333
op
amps
use
an
auto-calibration technique with a time-continuous 350kHz
op amp in the signal path. This amplifier is zero-corrected
every 8
µs using a proprietary technique. Upon power-up,
the amplifier requires approximately 100
µs to achieve
specified VOS accuracy. This design has no aliasing or
flicker noise.


Similar Part No. - OPA2333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333 TI1-OPA2333 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2333 TI1-OPA2333 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2333 TI1-OPA2333 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com