Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-703VS-TA Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTV-703VS-TA
Description  High Collector-Emitter Voltage Type Photocoupler LTV-703V Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-703VS-TA Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTV-703VS-TA Datasheet HTML 1Page - Lite-On Technology Corporation LTV-703VS-TA Datasheet HTML 2Page - Lite-On Technology Corporation LTV-703VS-TA Datasheet HTML 3Page - Lite-On Technology Corporation LTV-703VS-TA Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12-47
Typical Electrical/Optical Characteristic Curves
(25
Ambient Temperature Unless Otherwise Noted)
Supplement
Rank Table of Current Transfer Ratio CTR
Model No.
Rank Mark
CTR(%)
LTV-703V
LTV-703V
LTV-703V
LTV-703V
LTV-703V
A
B
C
D
A or B or C or D
40~80
63~125
100~200
160~320
40~320
Conditions
IF=10mA
VCE=5V
Ta=25


Similar Part No. - LTV-703VS-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-703VS-TA TENAND-LTV-703VS-TA Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703VS-TA1 TENAND-LTV-703VS-TA1 Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
More results

Similar Description - LTV-703VS-TA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
   High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com