Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8847SB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN8847SB
Description  Head amplifier IC for CD-ROM drive for 32 times speed or more
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8847SB Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN8847SB Datasheet HTML 1Page - Panasonic Semiconductor AN8847SB Datasheet HTML 2Page - Panasonic Semiconductor AN8847SB Datasheet HTML 3Page - Panasonic Semiconductor AN8847SB Datasheet HTML 4Page - Panasonic Semiconductor AN8847SB Datasheet HTML 5Page - Panasonic Semiconductor AN8847SB Datasheet HTML 6Page - Panasonic Semiconductor AN8847SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN8847SB
ICs for Compact Disc/CD-ROM Player
6
s Electrical Characteristics at Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
NRF detection
NRF det. detection level
VRDA1
f
= 500 kHz, V
GC = VREF2 − 0.75 V
73
105
137
mV[p-p]
NRF det. high-level output
VRDAH f = 500 kHz, VGC = VREF2 − 0.75 V
4.2

V
voltage
NRF det. low-level output
VRDAL
f
= 500 kHz, V
GC = VREF2 − 0.75 V

0.8
V
voltage
BDO
CBDO detection current
IBDO
VCC1 = 5 V, VCC2 = 3.3 V
1.07
1.49
1.91
µA
VEQCTL = VREF2 − 0.5 V
CBDO detection current ratio
BIBD4
VCC1 = 5 V, VCC2 = 3.3 V
4.4
5.4
6.4
VEQCTL = VREF2
BDO high-level output voltage
VBDOH VCC1 = 5 V, VCC2 = 3.3 V
4.2

V
f
= 5 kHz, rectangular wave
BDO low-level output voltage
VBDOL
VCC1 = 5 V, VCC2 = 3.3 V

0.8
V
f
= 5 kHz, sine wave
OFTR
COFTR detection current
IOFTR
VCC1 = 5 V, VCC2 = 3.3 V
1.07
1.49
1.91
µA
VLDON = VREF2 − 0.5 V
COFTR detection current ratio
BIOFTR4 VCC1 = 5 V, VCC2 = 3.3 V
3.1
3.9
4.7
VLDON = VREF2
OFTR high-level output voltage VOFTRH VCC1 = 5 V, VCC2 = 3.3 V
4.2

V
f
= 5 kHz, rectangular wave
OFTR low-level output voltage
VOFTRL VCC1 = 5 V, VCC2 = 3.3 V

0.8
V
f
= 5 kHz, rectangular wave
OFTR sensitivity
VOFT_S f = 470 kHz, sine wave
0
1.2
V
VLDON = VREF2 +0.75 V
3TENV
CEA to ENV
GCEA−ENV VCC1 = 5 V, VCC2 = 3.3 V
25.0
28.0
31.0
dB
transfer characteristics
CEA input impedance
ZCEA
VCC1 = 5 V, VCC2 = 3.3 V
6.5
8.5
10.5
k
ENV amp. output impedance
ZENV
VCC1 = 5 V, VCC2 = 3.3 V
6.0
8.0
10.0
k
ENV amp. offset voltage
VENVOF VCC1 = 5 V, VCC2 = 3.3 V
−120
0
120
mV
ENV amp. operation
VENV
VCC1 = 5 V, VCC2 = 3.3 V
210
420
630
mV[p-p]
f
= 800 kHz, AM modulation
LD APC
LD operating reference voltage
VLD
VCC1 = 5 V, VCC2 = 3.3 V
139
170
201
mV
LDON operating voltage
VLDON VCC1 = 5 V, VCC2 = 3.3 V

− 0.35
V
Standby
Current consumption at no load
ISTBY
VCC1 = 5 V, VCC2 = 3.3 V
3.61
5.16
6.71
mA
in a standby mode
VLDON = VREF2 − 0.75 V


Similar Part No. - AN8847SB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN884 MAXIM-AN884 Datasheet
289Kb / 6P
   Miniature Flow Sensor Has Electronic Temperature Compensation
Dec 13, 2001
logo
Panasonic Semiconductor
AN8849SB PANASONIC-AN8849SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 24 times speed or more
More results

Similar Description - AN8847SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8882SB PANASONIC-AN8882SB Datasheet
69Kb / 7P
   Head amplifier IC for CD-ROM drive for 32 times speed or more
AN8849SB PANASONIC-AN8849SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 24 times speed or more
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
logo
Sharp Corporation
IS1604 SHARP-IS1604 Datasheet
31Kb / 2P
   OPIC Light Detector for 4 times Speed CD-ROM Drive
logo
Panasonic Semiconductor
AN8807SB PANASONIC-AN8807SB Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
Hitachi Semiconductor
HA12188AF HITACHI-HA12188AF Datasheet
248Kb / 35P
   Pre-Amplifier and Servo IC for Quadruple-Speed CD-ROM
logo
Panasonic Semiconductor
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Sharp Corporation
IS1682 SHARP-IS1682 Datasheet
53Kb / 2P
   OPIC Light Detector for X40 Speed CD-ROM Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com