Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDY301NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDY301NZ
Description  Single N-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY301NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDY301NZ Datasheet HTML 1Page - Fairchild Semiconductor FDY301NZ Datasheet HTML 2Page - Fairchild Semiconductor FDY301NZ Datasheet HTML 3Page - Fairchild Semiconductor FDY301NZ Datasheet HTML 4Page - Fairchild Semiconductor FDY301NZ Datasheet HTML 5Page - Fairchild Semiconductor FDY301NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDY301NZ Rev A
www.fairchildsemi.com
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
0
0.25
0.5
0.75
1
VDS, DRAIN-SOURCE VOLTAGE (V)
2.5V
2.0V
VGS = 4.5V
3.0V
3.5V
1.5V
1.8V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
0
0.2
0.4
0.6
0.8
1
ID, DRAIN CURRENT (A)
VGS = 1.8V
2.5V
3.5V
4.5V
3.0V
2.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 200mA
VGS = 4.5V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1
2
3
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 100mA
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
0.3
0.6
0.9
1.2
1.5
0.5
1
1.5
2
2.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDY301NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY3000NZ FAIRCHILD-FDY3000NZ Datasheet
122Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDY3000NZ FAIRCHILD-FDY3000NZ Datasheet
378Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDY3000NZ FAIRCHILD-FDY3000NZ_07 Datasheet
378Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDY3001NZ FAIRCHILD-FDY3001NZ Datasheet
212Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDY301NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDS6570A FAIRCHILD-FDS6570A Datasheet
201Kb / 8P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com