Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULLC0402FC33C Datasheet(PDF) 1 Page - Protek Devices

Part No. ULLC0402FC33C
Description  UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

ULLC0402FC33C Datasheet(HTML) 1 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ULLC0402FC3.3C*
thru
ULLC0402FC24C*
1
05192.R2 10/05
www.protekdevices.com
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
Only One Name Means ProTek’Tion™
*U.S. Patent No. 6,867,436
APPLICATIONS
✔ Cellular Phones
✔ Personal Digital Assistant (PDA)
✔ Notebook Computers
✔ SMART Cards
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Available in Six Voltage Types Ranging From 3.3V to 24V
✔ Low ESD Overshoot Voltage
✔ Bidirectional Configuration & Monolithic Structure
✔ Protects 1 Line
✔ LOW CAPACITANCE: 6pF
✔ LOW LEAKAGE CURRENT
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Standard EIA Chip Size: 0402
✔ Weight 0.73 milligrams (Approximate)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb: 240-245°C
Lead-Free: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Plastic & Paper Tape and Reel Per EIA Standard 481
✔ Device Marking On Reel
U0402
PIN CONFIGURATION


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn