Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDY100PZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDY100PZ
Description  Single P-Channel (-2.5V) Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY100PZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDY100PZ Datasheet HTML 1Page - Fairchild Semiconductor FDY100PZ Datasheet HTML 2Page - Fairchild Semiconductor FDY100PZ Datasheet HTML 3Page - Fairchild Semiconductor FDY100PZ Datasheet HTML 4Page - Fairchild Semiconductor FDY100PZ Datasheet HTML 5Page - Fairchild Semiconductor FDY100PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDY100PZ Rev A
www.fairchildsemi.com
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = – 250 µA
– 20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = – 250 µA, Referenced to 25°C
15
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = – 16 V, VGS = 0 V
– 3
µA
IGSS
Gate–Body Leakage,
VGS = ± 8 V,
VDS = 0 V
± 10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = – 250 µA
– 0.65
–1.0
– 1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = – 4.5 V, ID = – 350 mA
VGS = – 2.5 V, ID = – 300 mA
VGS = – 1.8 V, ID = – 150 mA
VGS = – 4.5 V, ID = – 350 mA,
TJ =125°C
0.5
0.8
1.3
0.7
1.2
1.6
2.7
1.6
gFS
Forward Transconductance
VDS = – 5 V,
ID = – 350 mA
1
S
Dynamic Characteristics
Ciss
Input Capacitance
100
pF
Coss
Output Capacitance
30
pF
Crss
Reverse Transfer Capacitance
VDS = – 10 V, V GS = 0 V,
f = 1.0 MHz
15
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
6
12
ns
tr
Turn–On Rise Time
13
23
ns
td(off)
Turn–Off Delay Time
8
16
ns
tf
Turn–Off Fall Time
VDD = – 10 V, ID = – 0.5 A,
VGS = – 4.5 V, RGEN = 6 Ω
1
2
ns
Qg
Total Gate Charge
1.0
1.4
nC
Qgs
Gate–Source Charge
0.2
nC
Qgd
Gate–Drain Charge
VDS = – 10 V, ID = – 350 mA,
VGS = – 4.5 V
0.3
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = – 150 m A(Note 2)
–0.8
– 1.2
V
trr
Diode Reverse Recovery Time
11
ns
Qrr
Diode Reverse Recovery Charge
IF = – 350 mA,
dIF/dt = 100 A/µs
2
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
200°C/W when
mounted on a 1in2 pad
of 2 oz copper
b) 280°C/W when mounted on a
minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs,
Duty Cycle < 2.0%
3. The diode connected between the gate
and source serves only as protection
againts ESD. No gate overvoltage
rating is implied.


Similar Part No. - FDY100PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - FDY100PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com