Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D381A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D381A
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D381A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D381A Datasheet HTML 1Page - List of Unclassifed Manufacturers D381A Datasheet HTML 2Page - List of Unclassifed Manufacturers D381A Datasheet HTML 3Page - List of Unclassifed Manufacturers D381A Datasheet HTML 4Page - List of Unclassifed Manufacturers D381A Datasheet HTML 5Page - List of Unclassifed Manufacturers D381A Datasheet HTML 6Page - List of Unclassifed Manufacturers D381A Datasheet HTML 7Page - List of Unclassifed Manufacturers D381A Datasheet HTML 8Page - List of Unclassifed Manufacturers D381A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Typical Output Waveform
Load B*
Physical Data:
Absolute Maximum Ratings:
* Load B approximates a 5in2 EL lamp.
Note: The above are stress ratings only. Functional operation of the device at these ratings or any other above
those indicated in the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Comments
100
22 nF
10k
47 nF
1
2
3
4
5
10
9
8
7
6
1
CHF
High frequency oscillator capacitor/clock input
2
CLF
Lamp frequency capacitor/clock input
3
E
System enable: Wave-shaping resistor control
4
N/C
5
GND
System ground connection
6
N/C
7
L-
Negative input to inductor
8
VOUT
High voltage AC output to lamp
9
L+
Positive input to inductor
10
V+
DC power supply input
PIN # NAME
FUNCTION
PIN # NAME
FUNCTION
1
CHF
High frequency oscillator capacitor/clock input
2
CLF
Lamp frequency capacitor/clock input
3
E
System enable: Wave-shaping resistor control
4
GND
System ground connection
5
L-
Negative input to inductor
6VOUT
High voltage AC output to lamp
7
L+
Positive input to inductor
8
V+
DC power supply input
Supply voltage
Operating Range
V+
2.0
7.0
V
E = V+
Withstand Range
-0.4
7.0
E = GND
Enable Voltage
E
-0.4
V+
V
Output Voltage
VOUT
220
Vpp
Peak-to-peak voltage
CHF Voltage
VCHF
0
(V+) +0.3
V
External clock input
CLF Voltage
VCLF
0
(V+) +0.3
V
External clock input
Operating Temperature
T a
-40
85
°C
Storage Temperature
Ts
-55
150
°C
Lamp Resistance
Rlamp
100
1
2
3
4
8
7
6
5


Similar Part No. - D381A

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D381 SAVANTIC-D381 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - D381A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com