Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEL50E Datasheet(PDF) 1 Page - Protek Devices

Part # TEL50E
Description  PBX LOW VOLTAGE TELEPHONE PROTECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

TEL50E Datasheet(HTML) 1 Page - Protek Devices

  TEL50E Datasheet HTML 1Page - Protek Devices TEL50E Datasheet HTML 2Page - Protek Devices TEL50E Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEL50B
&
TEL50E
1
05049.R3 11/03
www.protekdevices.com
PBX LOW VOLTAGE TELEPHONE PROTECTOR
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Telcom Terminal Equipment
✔ Data/Telcom Interfaces
✔ Dedicated Fax & Modem
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 8/20µs - 95A, Level 4 (Line-Gnd) & 48A, Level 4 (Line-Line)
FEATURES
✔ Designed for ±50 Volt (Peak) Telephone Lines
✔ 4 Wire, Line-to-Ground Protection
✔ Permanent Two-Stage Protection
✔ Subnanosecond Response Time
✔ Automatic Reset - Does Not Interrupt Service
✔ Effective Against Lightning, Inductive Switching and ESD
MECHANICAL CHARACTERISTICS
✔ Weight: TEL50B - 28 grams & TEL50E - 142 grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking:
Case - Logo, Terminal Designations & Part Number
Board - Logo, Date Code & Part Number
DESCRIPTION
The TEL50B/E is a two-stage transient voltage protector that provides primary and
secondary protection against lightning, inductive switching and electrostatic discharge
(ESD) transient threats. The first stage diverts the transient current through the
ground terminal return path and the second stage clamps the voltage to a safe level
without interruption of service.
The TEL50B/E is designed to protect telcom lines from common mode (line-to-
ground) transients. There are four (4) independent lines referenced to the ground
terminals.
TEL50E
TEL50B


Similar Part No. - TEL50E

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL50E PROTEC-TEL50E Datasheet
441Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50E PROTEC-TEL50E Datasheet
442Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
More results

Similar Description - TEL50E

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL50B PROTEC-TEL50B_12 Datasheet
442Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50B PROTEC-TEL50B_10 Datasheet
441Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
logo
Protek Devices
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
   TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B Datasheet
108Kb / 3P
   TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
   TELEPHONE INTERFACE PROTECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com