Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D365A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D365A
Description  Electroluminescent Lamp Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D365A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D365A Datasheet HTML 1Page - List of Unclassifed Manufacturers D365A Datasheet HTML 2Page - List of Unclassifed Manufacturers D365A Datasheet HTML 3Page - List of Unclassifed Manufacturers D365A Datasheet HTML 4Page - List of Unclassifed Manufacturers D365A Datasheet HTML 5Page - List of Unclassifed Manufacturers D365A Datasheet HTML 6Page - List of Unclassifed Manufacturers D365A Datasheet HTML 7Page - List of Unclassifed Manufacturers D365A Datasheet HTML 8Page - List of Unclassifed Manufacturers D365A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Output Frequency vs. Ambient
Temperature
0
50
100
150
200
250
300
350
400
-20
0
20
40
60
80
Temperature ( C)
Typical Performance Characteristics Using Standard Test Circuit
Typical Performance Characteristics Using Standard Test Circuit
Typical Performance Characteristics Using Standard Test Circuit
Typical Performance Characteristics Using Standard Test Circuit
Typical Performance Characteristics Using Standard Test Circuit
°°°°°
°°°°°
°°°°°
Output Frequency vs. DC Supply
Voltage
0
50
100
150
200
250
300
350
400
23
4
567
DC Input Voltage
Output Voltage vs. DC Supply Voltage
0
40
80
120
160
200
240
280
234567
DC Input Voltage
Output Voltage vs. Ambient
Temperature
0
40
80
120
160
200
240
280
-20
0
20
40
60
80
Temperature ( C)
Supply Current vs. DC Supply Voltage
0
10
20
30
40
50
60
70
234
5
6
7
DC Input Voltage
Supply Current vs. Ambient
Temperature
0
10
20
30
40
50
60
70
-20
0
20
40
60
80
Temperature ( C)


Similar Part No. - D365A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D3650 ETC2-D3650 Datasheet
296Kb / 4P
   20VA CHASSIS MOUNTED TRANSFORMER
D3651 ETC2-D3651 Datasheet
296Kb / 4P
   20VA CHASSIS MOUNTED TRANSFORMER
D3652 ETC2-D3652 Datasheet
296Kb / 4P
   20VA CHASSIS MOUNTED TRANSFORMER
D3653 ETC2-D3653 Datasheet
296Kb / 4P
   20VA CHASSIS MOUNTED TRANSFORMER
D3654 ETC2-D3654 Datasheet
296Kb / 4P
   20VA CHASSIS MOUNTED TRANSFORMER
More results

Similar Description - D365A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com