Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRV05-4 Datasheet(PDF) 4 Page - Protek Devices

Part No. SRV05-4
Description  STEERING DIODE / TVS ARRAY COMBO
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

SRV05-4 Datasheet(HTML) 4 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05150.R7 4/05
SRV05-4
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance
with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape,
i.e.,
SRV05-4-T7.
3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape,
i.e.,
SRV05-4-T13.
4. Suffix-P = Lead-Free Nickel-Paladium-Gold Plating,
i.e., SRV05-4-P-T7.
Outline & Dimensions: Rev 1 - 11/01, 06013
E
D
A
L
F
54
3
6
B
G
V
J
C
K
0º - 10º
1
2
M
J
A
B
C
D
E
F
G
J
K
L
M
2.80
1.50
0.90
0.35
0.85
1.70
0.90
0.090
2.60
0.20 TYP
0.35
3.05
1.75
1.30
0.50
1.05
2.10
1.45
0.20
3.00
0.20 TYP
0.55
0.110
0.059
0.036
0.014
0.033
0.067
0.036
0.0035
0.102
0.007 TYP
0.014
0.120
0.070
0.051
0.020
0.040
0.083
0.057
0.008
0.118
0.007 TYP
0.022
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOT-23-6
MOUNTING PAD
0.094” (2.40mm)
0.028” (0.70mm)
0.037” (0.95mm)
0.074” (1.90mm)
0.039” (1.00mm)


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDSOT23-SRV05-4CDSOT23-SRV05-4 - Steering Diode TVS Array Combo 1 2 3 Bourns Electronic Solutions
PSRDA33-4STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 5 Protek Devices
PUSB6BSTEERING DIODE / TVS ARRAY COMBO 1 2 3 4 List of Unclassifed Manufacturers
SR28STEERING DIODE / TVS ARRAY COMBO 1 2 3 Protek Devices
CDNBS08-USB3BCDNBS08-USBxB Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
PSR05STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 5 List of Unclassifed Manufacturers
PLC03-6STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 Protek Devices
CDNBS08-SRDA3.3-6CDNBS08-SRDAxx-6 - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
CDNBS08-SRDA3.3-4CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn