Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLC65C-2 Datasheet(PDF) 3 Page - Protek Devices

Part # SMLC65C-2
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMLC65C-2 Datasheet(HTML) 3 Page - Protek Devices

  SMLC65C-2 Datasheet HTML 1Page - Protek Devices SMLC65C-2 Datasheet HTML 2Page - Protek Devices SMLC65C-2 Datasheet HTML 3Page - Protek Devices SMLC65C-2 Datasheet HTML 4Page - Protek Devices SMLC65C-2 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05105.R4 3/05
SMLC6.5C-2
thru
SMLC12C-2
GRAPHS
FIGURE 7
RETURN LOSS - SMLC6.5C-2
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
FIGURE 6
INSERTION LOSS - SMLC6.5C-2
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
0
10
20
30
40
I
PP - Peak Pulse Current - Amps
0
4
8
12
16
FIGURE 5
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR SMLC6.5C-2
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
10/1000µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR SMLC6.5C-2
ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
-5
5
15
25
35


Similar Part No. - SMLC65C-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMLC6.5C-2 ETC1-SMLC6.5C-2 Datasheet
174Kb / 5P
   LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
SMLC6.5C-2 PROTEC-SMLC6.5C-2 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMLC6.5C-2 PROTEC-SMLC6.5C-2 Datasheet
908Kb / 9P
   high powered MULTI-LINE low capacitanc e TVS ARRAY
SMLC6.5C-2 PROTEC-SMLC6.5C-2_11 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMLC6.5C-2 PROTEC-SMLC6.5C-2_12 Datasheet
908Kb / 9P
   high powered MULTI-LINE low capacitanc e TVS ARRAY
More results

Similar Description - SMLC65C-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com