Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38193MA-XXXFS Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38193MA-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38193MA-XXXFS Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38193MA-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38193MA-XXXFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 3819 group as follows:
(1) Support for mask ROM, One Time PROM, and EPROM ver-
sions
ROM/PROM capacity .................................. 40 K to 60 K bytes
RAM capacity .............................................. 1024 to 2048 bytes
(2) Packages
100P6S-A ........................... 0.65 mm-pitch plastic molded QFP
100D0 ........................... Ceramic LCC(built-in EPROM version)
Currently supported products are listed below.
As of May 1996
RAM size (bytes)
Remarks
Package
Product
(P) ROM size (bytes)
ROM size for User in (
)
M38197MA-XXXFP
M38197MA-XXXKP
M38198MC-XXXKP
M38199MF-XXXKP
M38198MC-XXXFP
M38198EC-XXXFP
M38198ECFP
M38198ECFS
M38199MF-XXXFP
M38199EF-XXXFP
M38199EFFP
M38199EFFS
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
1024
1536
2048
100P6S-A
100P6P-E
100P6S-A
100D0
100P6S-A
100D0
40960
(40830)
49152
(49022)
61440
(61310)
Memory Expansion Plan
Products under development : the development schedule and specifications may be revised without notice.
4K
256
512
768
1,024
1,536
2,048
ROM size (bytes)
RAM size (bytes)
Under development
8K
12K
16K
20K
24K
28K
32K
36K
40K
44K
48K
52K
56K
60K
M38199MF/EF
Mass product
Mass product
M38197MA
M38198MC/EC


Similar Part No. - M38193MA-XXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38197MA-XXXFP RENESAS-M38197MA-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38193MA-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com