Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6675BZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6675BZ
Description  P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6675BZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6675BZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6675BZ Rev. B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to
25°C
-20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -24V, VGS = 0V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS = 0V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1
-2
-3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to
25°C
15.7
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -10V , ID = -11A
10.8
13.0
m
VGS = -4.5V, ID = -9A
17.4
21.8
VGS = -10V, ID = -11A
TJ = 125oC
15.0
18.8
gFS
Forward Transconductance
VDS = -5V,
ID = -11A
34
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1MHz
1855
2470
pF
Coss
Output Capacitance
335
450
pF
Crss
Reverse Transfer Capacitance
330
500
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
VDD = -15V, ID = -11A
VGS = -10V, RGS = 6Ω
3.0
10
ns
tr
Rise Time
7.8
16
ns
td(off)
Turn-Off Delay Time
120
200
ns
tf
Fall Time
60
100
ns
Qg
Total Gate Charge
VDS = -15V, VGS = -10V,
ID = -11A
44
62
nC
Qg
Total Gate Charge
VDS = -15V, VGS = -5V,
ID = -11A
25
35
nC
Qgs
Gate to Source Gate Charge
7.2
nC
Qgd
Gate to Drain Charge
11.4
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = -2.1A
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -11A, di/dt = 100A/µs
42
ns
Qrr
Reverse Recovery Charge
IF = -11A, di/dt = 100A/µs
30
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
Scale 1 : 1 on letter size paper
2: Pulse Test:Pulse Width <300
µs, Duty Cycle <2.0%
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a) 50
°C/W when
mounted on a 1 in2
pad of 2 oz copper
minimun pad
c) 125
°C/W when
mounted on a
b)105
°C/W when
mounted on a .04 in2
pad of 2 oz copper


Similar Part No. - FDS6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS6675BZ-NL VBSEMI-FDS6675BZ-NL Datasheet
998Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com