Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS2572 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS2572
Description  N-Channel UltraFET Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS2572 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS2572 Datasheet HTML 1Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 2Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 3Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 4Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 5Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDMS2572 Rev C(W)
www.fairchildsemi.com
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain-Source Avalanche Ratings (Note 1)
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 75 V, ID = 15 A, L=1mH
112
mJ
IAR
Drain-Source Avalanche Current
15
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 μA
150
V
ΔBVDSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25°C
180
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 120 V,
VGS = 0 V
1
μA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 μA
2
3.0
4
V
ΔVGS(th)
ΔT
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 μA, Referenced to 25°C
–9.8
mV/
°C
rDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 4.5 A
VGS = 6 V,
ID = 4.5 A
VGS = 10 V, ID = 4.5 A, TJ = 125°C
36
39
69
47
53
103
m
Ω
gFS
Forward Transconductance
VDS = 10 V,
ID =4.5 A
14
S
Dynamic Characteristics
Ciss
Input Capacitance
1960
pF
Coss
Output Capacitance
130
pF
Crss
Reverse Transfer Capacitance
VDS = 75 V,
V GS = 0 V,
f = 1.0 MHz
30
pF
RG
Gate Resistance
f = 1.0 MHz
1.3
Ω
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
8
16
ns
td(off)
Turn–Off Delay Time
38
61
ns
tf
Turn–Off Fall Time
VDD = 75 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
31
50
ns
Qg
Total Gate Charge
31
43
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = 75 V,
ID = 4.5 A,
VGS = 10 V
7
nC
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.2 A
(Note 2)
0.7
1.0
V
trr
Diode Reverse Recovery Time
67
nS
Qrr
Diode Reverse Recovery Charge
IF = 4.5 A,
diF/dt = 100 A/µs
130
nC
Notes:
1.
RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. R
θJC is guaranteed by design
while RθCA is determined by the user's board design.
a)
44°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
115 °C/W when mounted
on a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
μs, Duty Cycle < 2.0%


Similar Part No. - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
More results

Similar Description - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
FDMS2734 FAIRCHILD-FDMS2734 Datasheet
508Kb / 7P
   N-Channel UltraFET Trench MOSFET 250V, 14A, 122mohm
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
FDMS5672 FAIRCHILD-FDMS5672 Datasheet
523Kb / 7P
   N-Channel UltraFET Trench MOSFET 60V, 22A, 11.5mohm
FDMS2672 FAIRCHILD-FDMS2672_12 Datasheet
319Kb / 7P
   N-Channel UltraFET Trench MOSFET 200V, 20A, 77m
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com