Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS2572 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMS2572
Description  N-Channel UltraFET Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS2572 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMS2572 Datasheet HTML 1Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 2Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 3Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 4Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 5Page - Fairchild Semiconductor FDMS2572 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDMS2572 Rev C(W)
www.fairchildsemi.com
Typical Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
Qg, GATE CHARGE (nC)
ID = 4.5A
VDS = 50V
100V
75V
0
300
600
900
1200
1500
1800
2100
2400
2700
0
25
50
75
100
125
150
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 115
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 115°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA =115 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
More results

Similar Description - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
FDMS2734 FAIRCHILD-FDMS2734 Datasheet
508Kb / 7P
   N-Channel UltraFET Trench MOSFET 250V, 14A, 122mohm
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
FDMS5672 FAIRCHILD-FDMS5672 Datasheet
523Kb / 7P
   N-Channel UltraFET Trench MOSFET 60V, 22A, 11.5mohm
FDMS2672 FAIRCHILD-FDMS2672_12 Datasheet
319Kb / 7P
   N-Channel UltraFET Trench MOSFET 200V, 20A, 77m
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com