Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDLL300 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDLL300
Description  High Conductance Low Leakage Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL300 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDLL300 Datasheet HTML 1Page - Fairchild Semiconductor FDLL300 Datasheet HTML 2Page - Fairchild Semiconductor FDLL300 Datasheet HTML 3Page - Fairchild Semiconductor FDLL300 Datasheet HTML 4Page - Fairchild Semiconductor FDLL300 Datasheet HTML 5Page - Fairchild Semiconductor FDLL300 Datasheet HTML 6Page - Fairchild Semiconductor FDLL300 Datasheet HTML 7Page - Fairchild Semiconductor FDLL300 Datasheet HTML 8Page - Fairchild Semiconductor FDLL300 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
IR = 100
µA
150
V
IR
Reverse Current
FDH/FDLL 300/A
FDH/FDLL 333
VR = 125 V
VR = 125 V, TA = 150
°C
VR = 125 V
VR = 125 V, TA = 100
°C
1.0
3.0
3.0
500
nA
µA
nA
nA
VF
Forward Voltage
FDH/FDLL 300/A
FDH/FDLL 300
FDH/FDLL 300A
FDH/FDLL 300/A
FDH/FDLL 300
FDH/FDLL 300A
FDH/FDLL 300/A
FDH/FDLL 300/A
FDH/FDLL 333
IF = 1.0 mA
IF = 5.0 mA
IF = 5.0 mA
IF = 10 mA
IF = 50 mA
IF = 50 mA
IF = 100 mA
IF = 200 mA
IF = 50 mA
IF = 100 mA
IF = 150 mA
IF = 200 mA
IF = 250 mA
IF = 300 mA
800
830
860
0.87
0.88
0.9
680
750
760
800
880
890
920
1.0
890
940
970
1.05
1.08
1.15
mV
mV
mV
mV
mV
mV
mV
V
mV
mV
mV
V
V
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
6.0
pF
High Conductance Low Leakage Diode
(continued)


Similar Part No. - FDLL300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL300 FAIRCHILD-FDLL300 Datasheet
37Kb / 1P
   High Conductance Low Leakage Diodes
More results

Similar Description - FDLL300

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
   High conductance low leakage diode
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
   High conductance low leakage diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
   High Conductance, Low Leakage Diode
logo
National Semiconductor ...
FDLL456 NSC-FDLL456 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
   HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
   High Conductance, Low Leakage Diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
   High conductance low leakage diode
logo
Shenzhen Luguang Electr...
MMBD1501A LUGUANG-MMBD1501A Datasheet
282Kb / 3P
   High Conductance Low Leakage Diode
logo
WILLAS ELECTRONIC CORP
MMBD1501A WILLAS-MMBD1501A Datasheet
393Kb / 4P
   High conductance low leakage diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com