Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111-M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. TIL111-M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111-M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button TIL111-M Datasheet HTML 3Page - Fairchild Semiconductor TIL111-M Datasheet HTML 4Page - Fairchild Semiconductor TIL111-M Datasheet HTML 5Page - Fairchild Semiconductor TIL111-M Datasheet HTML 6Page - Fairchild Semiconductor TIL111-M Datasheet HTML 7Page - Fairchild Semiconductor TIL111-M Datasheet HTML 8Page - Fairchild Semiconductor TIL111-M Datasheet HTML 9Page - Fairchild Semiconductor TIL111-M Datasheet HTML 10Page - Fairchild Semiconductor TIL111-M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6/15/05
Page 7 of 14
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
TIL111
TIL111-M
TIL117-M
MOC8100-M
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Fig. 15 Normalized ton vs. RBE
(Black Package)
Fig. 16 Normalized ton vs. RBE
(White Package)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
10
100
1000
10000
100000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 14 Switching Speed vs. Load Resistor
(White Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton
Tf
Fig. 13 Switching Speed vs. Load Resistor
(Black Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton
Tf
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 17 Normalized toff vs. RBE
(Black Package)
10
100
1000
10000
100000
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
RBE- BASE RESISTANCE (k Ω)
Fig. 18 Normalized toff vs. RBE
(White Package)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More QT Optoelectronics
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FPT100 General Purpose Silicon Planar Phototransistor 1  Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
SL5500 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX35U 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn