Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part No. TIL111M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TIL111M Datasheet HTML 6Page - Fairchild Semiconductor TIL111M Datasheet HTML 7Page - Fairchild Semiconductor TIL111M Datasheet HTML 8Page - Fairchild Semiconductor TIL111M Datasheet HTML 9Page - Fairchild Semiconductor TIL111M Datasheet HTML 10Page - Fairchild Semiconductor TIL111M Datasheet HTML 11Page - Fairchild Semiconductor TIL111M Datasheet HTML 12Page - Fairchild Semiconductor TIL111M Datasheet HTML 13Page - Fairchild Semiconductor TIL111M Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6/15/05
Page 11 of 14
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
TIL111
TIL111-M
TIL117-M
MOC8100-M
ORDERING INFORMATION
MARKING INFORMATION
Order Entry Identifier
Black Package (No Suffix)
White Package (-M Suffix)
Option
.S
S
Surface Mount Lead Bend
.SD
SR2
Surface Mount; Tape and reel
.W
T
0.4" Lead Spacing
.300
V
VDE 0884
.300W
TV
VDE 0884, 0.4" Lead Spacing
.3S
SV
VDE 0884, Surface Mount
.3SD
SR2V
VDE 0884, Surface Mount, Tape & Reel
TIL111
V XX YY K
Black Package, No Suffix
1
2
6
4
3
5
TIL111
V
X YY Q
White Package, -M Suffix
1
2
6
4
3
5
*Note – Parts built in the white package (M suffix) that do not have the ‘V’ option (see
definition 3 above) that are marked with date code ‘325’ or earlier are marked in the
portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One or two digit year code
• Two digits for black package parts, e.g., ‘03’
• One digit for white package parts, e.g., ‘3’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MOC8204GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TIL111GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreQT Optoelectronics
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
FPT100General Purpose Silicon Planar Phototransistor 1 Fairchild Semiconductor
CNX82AW6-pin phototransistor optocouplers 1 2 3 4 QT Optoelectronics
SL55006-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX35U6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn