Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. TIL111M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111M Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TIL111M Datasheet HTML 2Page - Fairchild Semiconductor TIL111M Datasheet HTML 3Page - Fairchild Semiconductor TIL111M Datasheet HTML 4Page - Fairchild Semiconductor TIL111M Datasheet HTML 5Page - Fairchild Semiconductor TIL111M Datasheet HTML 6Page - Fairchild Semiconductor TIL111M Datasheet HTML 7Page - Fairchild Semiconductor TIL111M Datasheet HTML 8Page - Fairchild Semiconductor TIL111M Datasheet HTML 9Page - Fairchild Semiconductor TIL111M Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/15/05
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 6 of 14
© 2005 Fairchild Semiconductor Corporation
TIL111
TIL111-M
TIL117-M
MOC8100-M
Fig. 9 CTR vs. RBE (Saturated)
(Black Package)
Fig. 10 CTR vs. RBE (Saturated)
(White Package)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 0.3 V
IF = 5 mA
IF = 10 mA
IF = 20 mA
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 0.3 V
Fig. 7 CTR vs. RBE (Unsaturated)
(Black Package)
Fig. 8 CTR vs. RBE (Unsaturated)
(White Package)
RBE- BASE RESISTANCE (kΩ)
RBE- BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 5.0 V
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 5.0 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 5 mA
IF = 20 mA
IF = 10 mA
Fig. 12 Collector-Emitter Saturation Voltage vs Collector Current
(White Package)
IC - COLLECTOR CURRENT (mA)
IF = 2.5 mA
TA = 25˚C
Fig. 11 Collector-Emitter Saturation Voltage vs Collector Current
(Black Package)
IC - COLLECTOR CURRENT (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 2.5 mA
TA = 25˚C
IF = 20 mA
IF = 10 mA
IF = 5 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More QT Optoelectronics
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FPT100 General Purpose Silicon Planar Phototransistor 1  Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
SL5500 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX35U 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn