Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3010-M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MOC3010-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3010-M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC3010-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6/15/05
Page 2 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Note
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common, and
Pins 4, 5 and 6 are common.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-40 to +150
°C
Operating Temperature
TOPR
All
-40 to +85
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Junction Temperature Range
TJ
All
-40 to +100
°C
Isolation Surge Voltage(1)
(peak AC voltage, 60Hz, 1 sec duration)
VISO
All
7500
Vac(pk)
Total Device Power Dissipation @ 25°C
PD
All
330
mW
Derate above 25°C
4.4
mW/°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Reverse Voltage
VR
All
3
V
Total Power Dissipation 25°C Ambient
PD
All
100
mW
Derate above 25°C
1.33
mW/°C
DETECTOR
Off-State Output Terminal Voltage
VDRM
MOC3010M/1M/2M
MOC3020M/1M/2M/3M
250
400
V
Peak Repetitive Surge Current (PW = 1 ms, 120 pps)
ITSM
All
1
A
Total Power Dissipation @ 25°C Ambient
PD
All
300
mW
Derate above 25°C
4
mW/°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn