Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3010-M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MOC3010-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3010-M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3010-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6/15/05
Page 4 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
AMBIENT TEMPERATURE - T
A (
oC)
-40
-20
0
20
40
60
80
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
T
A = -55
oC
T
A = 25
oC
T
A = 100
oC
ON-STATE VOLTAGE - V
TM (V)
-3
-2
-1
0
1
2
3
-800
-600
-400
-200
0
200
400
600
800
TA, AMBIENT TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
10000
NORMALIZED TO T A = 25∞C
Fig. 1 LED Forward Voltage vs. Forward Current
Fig. 3 Trigger Current vs. Ambient Temperature
LED TRIGGER WIDTH - PWin (µs)
12
5
10
2050
100
0
5
10
15
20
25
NORMALIZED TO:
PWin ≥ 100 µs
Fig. 4 LED Current Required to Trigger vs. LED Pulse Width
Fig. 6 Leakage Current, IDRM vs. Temperature
Fig. 2 On-State Characteristics
Ambient Temperature - T
A (
oC)
25
30
40
60
50
70
80
90
100
0
2
4
6
8
10
12
STATIC dv/dt
CIRCUIT IN FIGURE 5
Fig. 5 dv/dt vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn