Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MOC3010-M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MOC3010-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3010-M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3010-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3010-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/15/05
Page 3 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Note
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. See Figure 5 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max IFT (30 mA for MOC3020M, 15 mA for MOC3010M and MOC3021M, 10 mA for MOC3011M and MOC3022M,
5 mA for MOC3012M and MOC3023M) and absolute max IF (60 mA).
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ
Max
Units
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.15
1.5
V
Reverse Leakage Current
VR = 3 V, TA = 25°C
IR
All
0.01
100
µA
DETECTOR
Peak Blocking Current,Either Direction
Rated VDRM, IF = 0 (note 1)
IDRM
All
10
100
nA
Peak On-State Voltage,Either Direction
ITM = 100 mA peak, IF = 0
VTM
All
1.8
3
V
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
LED Trigger Current
Voltage = 3V (note 3)
IFT
MOC3020M
30
mA
MOC3010M
15
MOC3021M
MOC3011M
10
MOC3022M
MOC3012M
5
MOC3023M
Holding Current, Either Direction
IH
All
100
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn