Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB31 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB31
Description  Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB31 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
FSUSB31 Rev. 1.0.3
Connection Diagrams
Analog Symbol
Pin Descriptions
Truth Table
7
Pad Assignments for MicroPak
(Top View)
Pin Assignment for US8
(Top Through View)
6
5
4
8
2
VCC
VCC
1
3
GND
NC
HSD–
D–
GND
OE
HSD+
D+
8
7
6
5
1
2
3
4
Pin Name
Description
OE
Bus Switch Enable
D+, D
−, HSD+, HSD−
Data Ports
NC
No Connect
OE
Function
H
Disconnect
L
D+, D
− = HSD
HSD+
D+
OE
Control
HSD–
D–


Similar Part No. - FSUSB31

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB31 ONSEMI-FSUSB31 Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
logo
Fairchild Semiconductor
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB31

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com