Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6X0420R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FS6X0420R
Description  Fairchild Power Switch (FPS)
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FS6X0420R Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.fairchildsemi.com
FS6X0420RJ/ FS6X0720RJ/ FS6X1220RJ Rev. 1.0.1
Pin Assignments
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1
Drain
This pin is the high voltage power SenseFET drain connection.
2
GND
This pin is the control ground and the SenseFET source.
3Vcc
This pin is the positive supply input. This pin provides internal operating current for both
start-up and steady-state operation.
4
Feedback
(FB)
This pin is internally connected to the inverting input of the PWM comparator. The collec-
tor of an opto-coupler is typically tied to this pin. For stable operation, a capacitor should
be placed between this pin and GND. If the voltage of this pin reaches 7.5V, the over load
protection is activated resulting in shutdown of the IC.
5
N.C.
This pin is not connected.
6
Line Sense (LS)
According to the voltage of this pin, three operation modes are defined: normal operation
mode, line under voltage lock out mode, and sleep mode. If the voltage of this pin is
smaller than 2.55V, the IC goes into the line under voltage lock out, stopping switching
operation. If the voltage of this pin is smaller than 1.8V, the IC enters into sleep mode.
During sleep mode, reference voltage generation circuit including the shunt regulator is
disabled and only 300uA operation current is required.
6.Line Sense
5. N.C.
4.Vfb
3. Vcc
2. GND
1. Drain
D2-PAK-6L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn