Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQN1N50C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQN1N50C
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQN1N50C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQN1N50C Datasheet HTML 1Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 2Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 3Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 4Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 5Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 6Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 7Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FQN1N50C Rev. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
246
8
10
10
-1
10
0
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
012
3456
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 1A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - FQN1N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQN1N50C FAIRCHILD-FQN1N50C Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
More results

Similar Description - FQN1N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com