Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD617A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD617A
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD617A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD617A Datasheet HTML 1Page - Fairchild Semiconductor FOD617A Datasheet HTML 2Page - Fairchild Semiconductor FOD617A Datasheet HTML 3Page - Fairchild Semiconductor FOD617A Datasheet HTML 4Page - Fairchild Semiconductor FOD617A Datasheet HTML 5Page - Fairchild Semiconductor FOD617A Datasheet HTML 6Page - Fairchild Semiconductor FOD617A Datasheet HTML 7Page - Fairchild Semiconductor FOD617A Datasheet HTML 8Page - Fairchild Semiconductor FOD617A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
Transfer Characteristics (continued) (TA = 25°C Unless otherwise specified.)
Isolation Characteristics
*Typical values at TA = 25°C
Notes
1.
Current Transfer Ratio (CTR) = IC/IF x 100%.
2.
For test circuit setup and waveforms, refer to page 4.
3.
For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
AC Characteristic
Device
Test Conditions
Symbol
Min
Typ*
Max
Unit
Response Time (Rise)
FOD814
FOD617
FOD817
VCE = 2 V, IC = 2 mA, RL = 100 Ω
2
tr
—4
18
µs
Response Time (Fall)
FOD814
FOD617
FOD817
tf
—3
18
µs
Characteristic
Device
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation
Voltage3
FOD814
f = 60Hz, t = 1 min
VISO
5000
Vac(rms)
FOD617
FOD817
Isolation Resistance
FOD814
VI-O = 500 VDC
RISO
5x1010
1x1011
FOD617
FOD817
Isolation Capacitance
FOD814
VI-O = 0, f = 1 MHz
CISO
0.6
1.0
pf
FOD617
FOD817


Similar Part No. - FOD617A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
More results

Similar Description - FOD617A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com