Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2504 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FPF2504
Description  IntelliMAXTM Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2504 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPF2504 Datasheet HTML 5Page - Fairchild Semiconductor FPF2504 Datasheet HTML 6Page - Fairchild Semiconductor FPF2504 Datasheet HTML 7Page - Fairchild Semiconductor FPF2504 Datasheet HTML 8Page - Fairchild Semiconductor FPF2504 Datasheet HTML 9Page - Fairchild Semiconductor FPF2504 Datasheet HTML 10Page - Fairchild Semiconductor FPF2504 Datasheet HTML 11Page - Fairchild Semiconductor FPF2504 Datasheet HTML 12Page - Fairchild Semiconductor FPF2504 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FPF2500-FPF2506 Rev. C4
Application Information
Typical Application
OFF ON
ON
VIN
GND
FPF2503-FPF2506
FLAGB
VOUT
5.5V max
Battery
12V
C1=10uF
R1=100K
C2=1uF
R2=240
-
5.5V max
OFF ON
ON
VIN
GND
FPF2500-FPF2502
ISET
VOUT
Battery
12V
C1=10uF
RSET
C2=1uF
R2=240
5.5V max
Setting Current Limit
The FPF2500, FPF2501, and FPF2502 have a current limit
which is set with an external resistor connected between ISET
and GND. This resistor is selected by using the following
equation,
RSET is in Ohms and ISET is in Amps
The following table can also be used to select RSET. A typical
application would be the 0.500A current that is required by a
single USB port. Using the table below an appropriate selection
for the RSET resistor would be 12.4KΩ. This will ensure that the
port load could draw 0.525A, but not more than 0.875A.
Likewise for a dual port system, an RSET of 34.8KΩ would
always deliver at least 1.050A and never more than 1.750A.
Input Capacitor
To limit the voltage drop on the input supply caused by transient
in-rush currents when the switch turns-on into a discharged load
capacitor or a short-circuit, a capacitor needs to be placed
between VIN and GND. A 0.1uF ceramic capacitor, CIN, placed
close to the pins is usually sufficient. Higher values of CIN can
be used to further reduce the voltage drop.
Current Limit Various RSET Values
RSET
12500 ISET
×
e
0.485 ISET
×
()
×
=
RSET
[K
Ω]
Min. Current
Limit
[A]
Typ. Current
Limit
[A]
Max. Current
Limit
[A]
7.87
0.375
0.500
0.625
10.0
0.450
0.600
0.750
12.4
0.525
0.700
0.875
14.7
0.600
0.800
1.000
17.4
0.675
0.900
1.125
20.5
0.750
1.000
1.250
23.2
0.825
1.100
1.375
26.7
0.900
1.200
1.500
30.9
0.975
1.300
1.625
34.8
1.050
1.400
1.750
39.0
1.125
1.500
1.875
43.2
1.200
1.600
2.000
48.7
1.275
1.700
2.125
53.6
1.350
1.800
2.250
29.0
1.425
1.900
2.375
64.9
1.500
2.000
2.500
(1)


Similar Part No. - FPF2504

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2504 FAIRCHILD-FPF2504 Datasheet
552Kb / 13P
   IntelliMAX??Advanced Load Management Products
logo
Rochester Electronics
FPF2504-G ROCHESTER-FPF2504-G Datasheet
611Kb / 1P
   INTELLIMAX LOAD SWITCHES available in thin profile packages Load Switch
More results

Similar Description - FPF2504

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com