Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB3N60CTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB3N60CTM
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB3N60CTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB3N60CTM Datasheet HTML 1Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 2Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 3Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 4Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 5Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 6Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 7Page - Fairchild Semiconductor FQB3N60CTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQB3N60C REV. A
January 2006
QFET
TM
FQB3N60C
600V N-Channel MOSFET
Features
• 3A, 600V, RDS(on) = 3.4Ω @VGS = 10 V
• Low gate charge ( typical 10.5 nC)
•Low Crss ( typical 5 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficiency switched mode power supplies, active power factor
correction, electronic lamp ballasts based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
S
D
G
D2-PAK
FQB Series
GS
D
Symbol
Parameter
FQB3N60C
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
3
1.8
A
A
IDM
Drain Current
- Pulsed
(Note 1)
12
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
150
mJ
IAR
Avalanche Current
(Note 1)
3A
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
75
0.62
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
1.67
°C/W
RθJA*
Thermal Resistance, Junction-to-Ambient*
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - FQB3N60CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60CTM FAIRCHILD-FQB3N60CTM Datasheet
869Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - FQB3N60CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com