Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD617 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FOD617
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD617 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD617 Datasheet HTML 1Page - Fairchild Semiconductor FOD617 Datasheet HTML 2Page - Fairchild Semiconductor FOD617 Datasheet HTML 3Page - Fairchild Semiconductor FOD617 Datasheet HTML 4Page - Fairchild Semiconductor FOD617 Datasheet HTML 5Page - Fairchild Semiconductor FOD617 Datasheet HTML 6Page - Fairchild Semiconductor FOD617 Datasheet HTML 7Page - Fairchild Semiconductor FOD617 Datasheet HTML 8Page - Fairchild Semiconductor FOD617 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
November 2005
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
FOD814 Series, FOD617 Series, FOD817 Series
4-Pin Phototransistor Optocouplers
Features
AC input response (FOD814 only)
Applicable to Pb-free IR reflow soldering
Compact 4-pin package
Current transfer ratio in selected groups:
FOD617A: 40–80%
FOD817: 50–600%
FOD617B: 63–125%
FOD817A:80–160%
FOD617C: 100–200%
FOD817B: 130–260%
FOD617D: 160–320%
FOD817C:200–400%
FOD814: 20–300%
FOD817D:300–600%
FOD814A: 50–150%
C-UL, UL and VDE approved
High input-output isolation voltage of 5000Vrms
Higher operating temperatures (versus FODXXX
counterparts)
Minimum BVCEO of 70V guaranteed
Applications
FOD814 Series
AC line monitor
Unknown polarity DC sensor
Telephone line interface
FOD617 and FOD817 Series
Power supply regulators
Digital logic inputs
Microprocessor inputs
Description
The FOD814 consists of two gallium arsenide infrared
emitting diodes, connected in inverse parallel, driving a
silicon phototransistor output in a 4-pin dual in-line
package. The FOD617/817 Series consists of a gallium
arsenide infrared emitting diode driving a silicon
phototransistor in a 4-pin dual in-line package.
Functional Block Diagram
4
1
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FOD814
FOD617/817


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  QT Optoelectronics
FOD817 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FOD816 4-Pin Phototransistor Optocouplers 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
H11D1 HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC256 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL193 Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel 1  2  3  4  5  More Texas Instruments
CNY17-1 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn