Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD617 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FOD617
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD617 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD617 Datasheet HTML 1Page - Fairchild Semiconductor FOD617 Datasheet HTML 2Page - Fairchild Semiconductor FOD617 Datasheet HTML 3Page - Fairchild Semiconductor FOD617 Datasheet HTML 4Page - Fairchild Semiconductor FOD617 Datasheet HTML 5Page - Fairchild Semiconductor FOD617 Datasheet HTML 6Page - Fairchild Semiconductor FOD617 Datasheet HTML 7Page - Fairchild Semiconductor FOD617 Datasheet HTML 8Page - Fairchild Semiconductor FOD617 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
Transfer Characteristics (continued) (TA = 25°C Unless otherwise specified.)
Isolation Characteristics
*Typical values at TA = 25°C
Notes
1.
Current Transfer Ratio (CTR) = IC/IF x 100%.
2.
For test circuit setup and waveforms, refer to page 4.
3.
For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
AC Characteristic
Device
Test Conditions
Symbol
Min
Typ*
Max
Unit
Response Time (Rise)
FOD814
FOD617
FOD817
VCE = 2 V, IC = 2 mA, RL = 100 Ω
2
tr
—4
18
µs
Response Time (Fall)
FOD814
FOD617
FOD817
tf
—3
18
µs
Characteristic
Device
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation
Voltage3
FOD814
f = 60Hz, t = 1 min
VISO
5000
Vac(rms)
FOD617
FOD817
Isolation Resistance
FOD814
VI-O = 500 VDC
RISO
5x1010
1x1011
FOD617
FOD817
Isolation Capacitance
FOD814
VI-O = 0, f = 1 MHz
CISO
0.6
1.0
pf
FOD617
FOD817


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  QT Optoelectronics
FOD817 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
H11AA814 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
FOD816 4-Pin Phototransistor Optocouplers 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
H11D1 HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC256 AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL193 Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel 1  2  3  4  5  More Texas Instruments
CNY17-1 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn