Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN24ACMLX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FIN24ACMLX
Description  USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24ACMLX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN24ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.fairchildsemi.com
8
PLL Circuitry
The CKREF input signal is used to provide a reference to the
PLL. The PLL will generate internal timing signals capable of
transferring data at 26 times the incoming CKREF signal. The
output of the PLL is a Bit Clock that is used to serialize the data.
The bit clock is also sent source synchronously with the serial
data stream.
There are two ways to disable the PLL. The PLL can be dis-
abled by entering the Mode 0 state (S1 = S2 = 0). The PLL will
disable immediately upon detecting a LOW on both the S1 and
S2 signals. When any of the other modes are entered by assert-
ing either S1 or S2 HIGH and by providing a CKREF signal the
PLL will power-up and goes through a lock sequence. One must
wait the specified number of clock cycles prior to capturing valid
data into the parallel port. When the
PSerDes chipset transitions
from a power down state (S1, S2 = 0, 0) to a powered state
(example S1, S2 = 1, 1), CKP on the deserializer will transition
LOW for a short duration, and will return HIGH. Following this,
the signal level of the deserializer at CKP will correspond to the
serializer signal levels.
An alternate way of powering down the PLL is by stopping the
CKREF signal either HIGH or LOW. Internal circuitry detects the
lack of transitions and shuts the PLL and serial I/O down. Inter-
nal references will not however be disabled allowing for the PLL
to power-up and re-lock in a lesser number of clock cycles than
when exiting Mode 0. When a transition is seen on the CKREF
signal the PLL will once again be reactivated.
Application Mode Diagrams Unidirectional Data Transfer
FIGURE 8. Simplified Block Diagram for Unidirectional Serializer and Deserializer
Figure 8 shows the basic operation diagram when a pair of Ser-
Des is configured in an unidirectional operation mode.
Master Operation: The device will... (Please refer to Figure 8)
1. Be configured as a serializer at power-up based on the value
of the DIRI signal.
2. Accept CKREF_M word clock and generate a bit clock with
embedded word boundary. This bit clock will be sent to the
slave device through the CKSO port.
3. Receive parallel data on the rising edge of STROBE_M.
4. Generate and transmit serialized data on the DS signals
which is source synchronous with CKSO.
5. Generate an embedded word clock for each strobe signal.
Slave Operation: The device will...
1. Be configured as a deserializer at power-up based on the
value of the DIRI signal.
2. Accept an embedded word boundary bit clock on CKSI.
3. Deserialize the DS Data stream using the CKSI input clock.
4. Write parallel data onto the DP_S port and generate the
CKP_S. CKP_S will only be generated when a valid data
word occurs.


Similar Part No. - FIN24ACMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24ACMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com