Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2710TB Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC2710TB
Description  5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2710TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC2710TB Datasheet HTML 1Page - California Eastern Labs UPC2710TB Datasheet HTML 2Page - California Eastern Labs UPC2710TB Datasheet HTML 3Page - California Eastern Labs UPC2710TB Datasheet HTML 4Page - California Eastern Labs UPC2710TB Datasheet HTML 5Page - California Eastern Labs UPC2710TB Datasheet HTML 6Page - California Eastern Labs UPC2710TB Datasheet HTML 7Page - California Eastern Labs UPC2710TB Datasheet HTML 8Page - California Eastern Labs UPC2710TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25 C, Pin 4 and 6
6.0
V
Total Circuit Current
ICC
TA = +25 C
40
mA
Power Dissipation
PD
TA = +85 C
Note
270
mW
Operating Ambient Temperature
TA
40 to +85
C
Storage Temperature
Tstg
55 to +150
C
Input Power
Pin
TA = +25 C
+10
dBm
Note Mounted on double-sided copper-clad 50
50
1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
The same voltage should be applied
to pin 4 and 6.
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
40
+25
+85
C
ELECTRICAL CHARACTERISTICS (TA = +25 C, VCC = Vout = 5.0 V, ZS = ZL = 50
)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
15.0
19.0
24.0
mA
Power Gain
GP
f = 1.0 GHz, Pin = 30 dBm
20.5
23.0
25.5
dB
f = 2.2 GHz, Pin = 30 dBm
20.0
23.0
26.0
Saturated Output Power
PO (sat)
f = 1.0 GHz, Pin = 5 dBm
+9.0
+12.0
dBm
f = 2.2 GHz, Pin = 5 dBm
+6.0
+9.0
PO (1 dB)
f = 1.0 GHz
+4.5
+6.5
dBm
Gain 1 dB Compression Output
Power
f = 2.2 GHz
+3.0
+5.0
Noise Figure
NF
f = 1.0 GHz
4.5
6.0
dB
f = 2.2 GHz
4.0
5.5
Upper Limit Operating Frequency
fu
3 dB down below flat gain at f = 0.1 GHz
2.8
3.2
GHz
Isolation
ISL
f = 1.0 GHz, Pin = 30 dBm
28.0
33.0
dB
f = 2.2 GHz, Pin = 30 dBm
28.0
33.0
Input Return Loss
RLin
f = 1.0 GHz, Pin = 30 dBm
9.0
12.0
dB
f = 2.2 GHz, Pin = 30 dBm
12.0
17.5
Output Return Loss
RLout
f = 1.0 GHz, Pin = 30 dBm
9.0
12.0
dB
f = 2.2 GHz, Pin = 30 dBm
9.0
12.0
Gain Flatness
GP
f = 0.1 to 2.2 GHz
0.9
dB
Data Sheet PU10491EJ01V0DS
4
UPC3223TB


Similar Part No. - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB RENESAS-UPC2710TB Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com